PART |
Description |
Maker |
CSQ-3943V9 CSQ-3944V9 |
0.39 Inch Quad Digit Display
|
China Semiconductor Corporation http://
|
CSQ-2842B7 CSQ-2841B7 |
0.28 Inch Quad Digit Display
|
China Semiconductor Corporation
|
CSQ-2841G CSQ-2842G |
0.28 Inch Quad Digit Display
|
China Semiconductor Corporation
|
CSQ-5244G CSQ-5245G |
0.52 Inch Quad Digit Display
|
China Semiconductor Corporation
|
CSQ-542S |
0.56 Inch Quad Digit Display
|
China Semiconductor Corporation
|
CSQ-3944G |
0.39 Inch Quad Digit Display
|
China Semiconductor Corporation
|
HDSP-513Y-LL000 5082-511A-00000 5082-511A-0H000 50 |
14.22 mm (0.56 inch) General Purpose Seven-Segment Display 14.22毫米.56英寸)通用七段显示 Multichannel Remote/Local Temperature Sensors 16-Bit Voltage-Output DAC in SO-8 Package; Package: SOIC; No of Pins: 8; Temperature Range: Commercial True Accuracy, 16-Bit ±12 V/±15 V, Serial Input Voltage Output D/A Converter; Package: SSOP; No of Pins: 16; Temperature Range: Industrial True Accuracy, 16-Bit ±12 V/±15 V, Serial Input Voltage Output D/A Converter; Package: EVALUATION BOARDS; No of Pins: -; Temperature Range: TBD Low Profile Power Relay, 1 Form C, 16A 250VAC, Class F Coil HDSP-511A · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511E · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511G · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511Y · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513A · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513E · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513G · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513Y · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display
|
ITT, Corp. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard) Agilent(Hewlett-Packard...
|
LTD-2701P |
The LTD-2701P is a 0.28 inch (7mm) digit height dual digit seven-segment display 7 SEG NUMERIC DISPLAY, BRIGHT RED, 7 mm
|
Lite-On Technology, Corp. 光宝科技股份有限公司 LITEON[Lite-On Technology Corporation]
|
LTD-432PC |
0.40 inch (10.21 mm) digit height dual digit seven-segment display 7 SEG NUMERIC DISPLAY, BRIGHT RED, 10.21 mm From old datasheet system
|
Lite-On Technology, Corp. 光宝科技股份有限公司 LITEON[Lite-On Technology Corporation]
|